Part Number Hot Search : 
GRM033 05A19 83251 2SC3824 MC34023P ACT33412 T9013P ES100
Product Description
Full Text Search
 

To Download HAL8801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT INFORMATION
HAL 880
Sept/2008
HAL(R) 880 Programmable Linear Hall-Effect Sensor
The HAL 880 complements the existing Hall-effect sensor family HAL 8xy to the lower end. It is designed to fulfil the requirements of today's state-of-the-art applications for linear and angular measurements that require programmability to compensate system tolerances. Due to its good drift performance and programmability, the sensor can easily replace non-programmable, standard linear sensors in a wide variety of applications. Due to its programmability, it also offers the additional advantage of compensation of system tolerances. This is mandatory for applications like accelerator pedal sensing, current measurement, bending light, or head light adjustment. The sensor provides a linear, ratiometric analog output signal with implemented wirebreak detection working with pull-up or pulldown resistor. Major characteristics like magnetic-field range, sensitivity, VOQ (output voltage at zero magnetic field), and the temperature coefficients can easily be adjusted to the magnetic circuit (linear and quadratic) by programming the non-volatile memory. The HAL 880 is available in the very small leaded package TO92UT.
V V V V V
13 customer data bits Programming by modulation of the supply voltage Operates from -40 C up to 140 C junction temperature Operates from 4.5 V up to 5.5 V supply voltage Magnetic characteristics extremely robust against mechanical stress
Main Features
V V V V V V V V V V V V
Sensitivity drift over temperature less than 6% Offset drift over temperature less than 15 T/K Integral non-linearity error of output signal 1% of VDD Ratiometric error of output signal 1% Low output noise of 25 mV peak-peak Wire-break detection with 5 k pull-up or pull-down resistor Four programmable magnetic ranges: 30, 60, 80, and 100 mT Two programmable 3 dB filter frequencies: 500 Hz and 1 kHz Programmable sensitivity and offset (VOQ) 12-bit ratiometric analog output Digital signal processing Temperature characteristics programmable to match all common magnetic materials
Major Applications
V
Due to the sensor's versatile programming characteristics, the HAL 880 is the optimal system solution for applications such as: - - - - Contactless potentiometers Rotary position measurement Linear movement Current measurements
PRODUCT INFORMATION
HAL 880
Development Tools
Programming of the EEPROM memory and calculation of the individual sensor characteristics can easily be done with a PC and the application kit from Micronas:
Serial Port
Sept/2008
V V V
Micronas programmer board (hardware version 5.x) Visual Basic(R) programming software for Windows(R) 9x/2000/XP
HAL Programmer Board
Visual Basic source code
Fig. 1: Development tool setup
System Architecture
The HAL 880 sensors are produced in a proven submicron CMOS technology. The HAL 880 features a temperature-compensated Hall plate with choppered offset compensation, an A/D converter, digital signal processing, a push-pull output, an EEPROM memory with redundancy and lock function for the calibration data and the data register information, a serial interface for programming the EEPROM, and protection devices on all pins. The HAL 880 is programmable by modulating the supply voltage. No additional programming pin is needed. The internal digital signal processing is of great benefit because analog offsets, temperature shifts, and mechanical stress do not degrade the sensor accuracy.
GND VDD Internally stabilized Supply and Protection Devices
Temperature Dependent Bias
Oscillator
Open-circuit, Overvoltage, Undervoltage Detection
Protection Devices
Switched Hall Plate
A/D Converter
Digital Signal Processing
D/A Converter
Analog Output
OUT
EEPROM Memory
Lock Control
Open-circuit Detection
Fig. 2: Block diagram of the HAL 880
All information and data contained in this product information are without any commitment, are not to be considered as an offer for conclusion of a contract, nor shall they be construed as to create any liability. Product or development sample availability and delivery are exclusively subject to our respective order confirmation form. By this publication, Micronas GmbH does not assume responsibility for patent infringements or other rights of third parties which may result from its use.
No part of this publication may be reproduced, photocopied, stored on a retrieval system, or transmitted without the express written consent of Micronas GmbH. Edition Sept. 17, 2008; Order No. PI000127_001EN
Micronas GmbH Hans-Bunte-Strasse 19 D-79108 Freiburg (Germany) P.O. Box 840 D-79008 Freiburg (Germany) Tel. +49-761-517-0 Fax +49-761-517-2174 E-mail: docservice@micronas.com www.micronas.com


▲Up To Search▲   

 
Price & Availability of HAL8801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X